PART |
Description |
Maker |
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
M38047M6-XXXFP M38047M6-XXXHP M38047M6-XXXSP M3804 |
3803/04 Group: General Purpose, with Flash RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
P87LPC778 P87LPC778FDH |
CMOS single-chip 8-bit 80C51 microcontroller 128-byte data RAM, 8 kB OTP P87LPC778; CMOS single-chip 8-bit 80C51 microcontroller with 128-byte data RAM, 8 kB OTP
|
NXP Semiconductors Philips
|
M38869FFAGP M38869FFAHP M38869M8A-012HP M38869M8A- |
RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 256bytes single chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer 3885 Series Microcontrollers: Keyboard Controller for Notebook PC 3886GROUP RAM size: 192bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M38223M4M-145HP M38223M4-182FP M38223M4-183FP M382 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 3822 Series Microcontrollers: On-Chip Segment LCD Drivers with A-D Converters RAM size: 192 bytes; single-chip 8-bit CMOS microcomputer RAM size: 256 bytes; single-chip 8-bit CMOS microcomputer RAM size: 384 bytes; single-chip 8-bit CMOS microcomputer RAM size: 512 bytes; single-chip 8-bit CMOS microcomputer RAM size: 640 bytes; single-chip 8-bit CMOS microcomputer RAM size: 768 bytes; single-chip 8-bit CMOS microcomputer RAM size: 896 bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024 bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
P87C51SBBB P87C51UFBB |
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V low power high speed 33 MHz CMOS single-chip 8-bit microcontrollers
|
Philips
|
S3C9434 S3P9432 |
8-Bit Single-Chip CMOS Microcontrollers 8-bit single-chip CMOS microcontroller. OTP version.
|
Samsung Electronic
|
LC866008 LC866012 LC866016 LC866020 LC866024 LC866 |
CMOS 8-Bit Single-Chip Microcomputers 8-Bit Single Chip Microcontroller with One-Time PROM
|
SANYO[Sanyo Semicon Device]
|
LC66562B LC66566B |
12 amd 16-kbyte on-chip ROM capacities CMOS 4-bit single-chip microcontrollers CMOS LSI
|
Sanyo
|
M34570E8 M34570E8FP M34570ED M34570EDFP M34570M4 M |
SINGLE-CHIP 4-BIT CMOS MICROCOMRUTER SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
|
MITSUBISHI[Mitsubishi Electric Semiconductor]
|
M37516M6-A05 M37516M6-A05HP M37516M6-A06HP M37516M |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 7470/71 Series Microcontrollers: Small Package, Low Cost Single Chip 8-bit Microcomputer
|
Mitsubishi Electric Corporation
|
M30843MW-XXXGP M30845MW-XXXGP 32C84 M30842MC-XXXGP |
32-BIT, MROM, 32 MHz, MICROCONTROLLER, PQFP144 SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
|
Renesas Electronics Corporation http://
|